Part Number Hot Search : 
PS2607L 2SC4552 CMZ5344B MCP6561 FDD5680 SK368 XFGIH100 2SK90
Product Description
Full Text Search
 

To Download STU8NA80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  STU8NA80 n - channel enhancement mode fast power mos transistor preliminary data n typical r ds(on) = 0.85 w n efficient and relaible mounting through clip n 30v gate to source voltage rating n 100% avalanche tested n gate charge minimized n reduced threshold voltage spread. description the max220 tm package is a new high volume power package exibiting the same footprint as the industry standard to-220, but designed to accomodate much larger silicon chips, normally supplied in bigger packages. the increased die capacity makes the device ideal to reduce component count in multiple paralleled to-220 designs and save board space with respect to larger packages. applications n high current, high speed switching n switch mode power supplies (smps) n dc-ac converters for welding equipment and uninterruptible power supplies (ups) internal schematic diagram type v dss r ds(on) i d STU8NA80 800 v < 1.0 w 8.3 a march 1996 1 2 3 max220 tm absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 800 v v dgr drain- gate voltage (r gs = 20 k w ) 800 v v gs gate-source voltage 30 v i d drain current (continuous) at t c = 25 o c 8.3 a i d drain current (continuous) at t c = 100 o c 5.3 a i dm ( ) drain current (pulsed) 33.2 a p tot total dissipation at t c = 25 o c 160 w derating factor 1.28 w/ o c t stg storage temperature -65 to 150 o c t j max. operating junction temperature 150 o c ( ) pulse width limited by safe operating area 1/5
thermal data r thj-case rthj-amb r thc-sink t l thermal resistance junction-case max thermal resistance junction-ambient max thermal resistance case-sink typ maximum lead temperature for soldering purpose 0.78 62.5 0.5 300 o c/w oc/w o c/w o c avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not-repetitive (pulse width limited by t j max, d < 1%) 8a e as single pulse avalanche energy (starting t j = 25 o c, i d = i ar , v dd = 50 v) 320 mj e ar repetitive avalanche energy (pulse width limited by t j max, d < 1%) 14 mj i ar avalanche current, repetitive or not-repetitive (t c = 100 o c, pulse width limited by t j max, d < 1%) 5.3 a electrical characteristics (t case = 25 o c unless otherwise specified) off symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 m a v gs = 0 800 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating x 0.8 t c = 125 o c 250 1000 m a m a i gss gate-body leakage current (v ds = 0) v gs = 30 v 100 na on ( * ) symbol parameter test conditions min. typ. max. unit v gs(th) gate threshold voltage v ds = v gs i d = 250 m a 2.25 3 3.75 v r ds(on) static drain-source on resistance v gs = 10v i d = 4a v gs = 10v i d = 4a t c = 100 o c 0.85 1 2 w w i d(on) on state drain current v ds > i d(on) x r ds(on)max v gs = 10 v 8.3 a dynamic symbol parameter test conditions min. typ. max. unit g fs ( * ) forward transconductance v ds > i d(on) x r ds(on)max i d = 4 a 7 9.5 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 25 v f = 1 mhz v gs = 0 2900 290 80 3800 370 110 pf pf pf STU8NA80 2/5
electrical characteristics (continued) switching on symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on time rise time v dd = 400 v i d = 4 a r g = 4.7 w v gs = 10 v 37 45 50 60 ns ns (di/dt) on turn-on current slope v dd = 640 v i d = 8 a r g = 47 w v gs = 10 v 120 a/ m s q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 400 v i d = 8 a v gs = 10 v 115 15 55 150 nc nc nc switching off symbol parameter test conditions min. typ. max. unit t r(voff) t f t c off-voltage rise time fall time cross-over time v dd = 640 v i d = 8 a r g = 4.7 w v gs = 10 v 45 15 70 60 20 91 ns ns ns source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm ( ) source-drain current source-drain current (pulsed) 8.3 33.2 a a v sd ( * ) forward on voltage i sd = 8.3 a v gs = 0 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 8 a di/dt = 100 a/ m s v dd = 100 v t j = 150 o c 765 13.4 35 ns m c a ( * ) pulsed: pulse duration = 300 m s, duty cycle 1.5 % ( ) pulse width limited by safe operating area STU8NA80 3/5
dim. mm inch min. typ. max. min. typ. max. a 4.3 4.6 0.169 0.181 a1 2.2 2.4 0.087 0.094 a2 2.9 3.1 0.114 0.122 b 0.7 0.93 0.027 0.036 b1 1.25 1.4 0.049 0.055 b2 1.2 1.38 0.047 0.054 c 0.45 0.6 0.18 0.023 d 15.9 16.3 0.626 0.641 d1 9 9.35 0.354 0.368 d2 0.8 1.2 0.031 0.047 d3 2.8 3.2 0.110 0.126 e 2.44 2.64 0.096 0.104 e 10.05 10.35 0.396 0.407 l 13.2 13.6 0.520 0.535 l1 3 3.4 0.118 0.133 a a2 a1 c d3 d1 d2 d b1 b2 b e l l1 e p011r max220 mechanical data STU8NA80 4/5
information furnished is believed to be accurate and reliable. however, sgs-thomson microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. no license is granted by implication or otherwise under any patent or patent rights of sgs-thomson microelectronics. specification s mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously s upplied. sgs-thomson microelectronics products are not authorized for use as critical components in life support devices or systems with out express written approval of sgs-thomson microelectonics. ? 1995 sgs-thomson microelectronics - all rights reserved sgs-thomson microelectronics group of companies australia - brazil - france - germany - hong kong - italy - japan - korea - malaysia - malta - morocco - the netherlands - singapore - spain - sweden - switzerland - taiwan - thailand - united kingdom - u.s.a . . . STU8NA80 5/5


▲Up To Search▲   

 
Price & Availability of STU8NA80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X